PART |
Description |
Maker |
LN342GP LN842RP LN242RP LN442YP LN342GPLNG342GDG L |
From old datasheet system 5.0 mm ′ 2.0 mm Series 5.0 MM ? 2.0 MM SERIES Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|
MADR-008888-000100V5 MADR-008888-0002TB |
PIN Diode Driver for Series / Series High Power Switch
|
M/A-COM Technology Solutions, Inc.
|
HD6472393 |
(HD6472355 Series) Series of Microcomputers Built Around The H8s/2000 Cpu
|
Renesas
|
102-073-012 102-073-016 102-073-004 102-073-024 10 |
Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
KU10N16 |
TSS KU Series Sidac / Uni-directional Thyristor (G1V Series)
|
http:// Shindengen Electric Mfg.Co.Ltd Shindengen America
|
AN1172 |
THE NEW ACS SERIES: SERIES A BREAKTHROUGH IN RUGGEDNESS & DRIVE FOR HOME APPLIANCES
|
SGS Thomson Microelectronics
|
Y08JS-90B Y08JS Y08JS-145A Y08JS-145B Y08JS-230A Y |
From old datasheet system Y08JS SERIES TI-SERIES TIPPETTE ROCKER SWITCH, DOUBLE POLE
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
H8/3690 |
(H8/3690 Series) 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Technology
|
PSAA20R-240L6 |
20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
|
Phihong USA Inc.
|